PART |
Description |
Maker |
IRFR120N IRFU120N IRFR IRFR120NTR IRFR120NTRL IRFR |
Power MOSFET(Vdss=100V, Rds(on)=0.21ohm, Id=9.4A) (IRFR120N / IRFU120N) HEXFET Power MOSFET HEXFET® Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package 9.1 A, 100 V, 0.21 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
IRF[International Rectifier]
|
IRFS59N10D IRFSL59N10D IRFB59N10D IRFB59N10 IRFS59 |
Power MOSFET(Vdss=100V/ Rds(on)max=0.025ohm/ Id=59A) Power MOSFET(Vdss=100V, Rds(on)max=0.025ohm, Id=59A) HEXFET? Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
IRF[International Rectifier]
|
IRFR5410 IRFU5410 IRFRU5410 IRFR5410TRL IRFR5410TR |
-100V Single P-Channel HEXFET Power MOSFET in a I-Pak package -100V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A) HEXFET? Power MOSFET
|
IRF[International Rectifier]
|
IRFL4310 IRFL4310TR |
HEXFET? Power MOSFET 1.6 A, 100 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A) 100V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
IRF[International Rectifier]
|
IRFU9120 IRFR9120 IRFR9120TRR IRFR9120TRL IRFR9120 |
-100V Single P-Channel HEXFET Power MOSFET in a I-Pak package -100V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-5.6A)
|
IRF[International Rectifier]
|
IRF1310NL IRF1310NS IRF1310NSTRL IRF1310NSTRR |
100V Single N-Channel HEXFET Power MOSFET in a TO-262 package 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRF5210STRL IRF5210STRR IRF5210L |
-100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package -100V Single P-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|
IRF9530NSTRR IRF9530NL IRF9530NSTRL |
-100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package -100V Single P-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|
IRF540ZLPBF IRF540ZSTRRPBF |
100V Single N-Channel HEXFET Power MOSFET in a TO-262 package 100V Single N-Channel HEXFET Power MOSFET in a D2Pak package
|
International Rectifier
|
PB-IRF3710ZL IRF3710ZSTRL |
Leaded 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package Leaded 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRF7474TR |
100V Single N-Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier
|
IRF7452 IRF7452TR |
100V Single N-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=100V, Rds(on)max=0.060ohm, Id=4.5A)
|
IRF[International Rectifier]
|